Part Number Hot Search : 
PF0603H3 UPC2410A PJA3402 R1100 RTD15024 RTD15024 78M10 225M0
Product Description
Full Text Search
 

To Download THV308 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 0.35A High Voltage Rectifier Assembly THV308 - THV316
0.35A High Voltage Rectifier Assembly
Features
* Controlled avalanche characteristic combined with the ability to dissipate reverse power Low forward voltage drop Typical reverse current less than 1A High overload surge capability High temperature soldering guaranteed:260C/10 seconds, at terminals * RoHS Compliance * * * *
THV3
Mechanical Data
Case: Epoxy: Terminals: Polarity: Weight: Reliable low cost construction utilizing molded plastic technique Plastic package has UL flammability classification 94V-0 Solderable per MIL-STD-202, Method 208 Color band denotes cathode end 20 grams
Maximum Ratings and Electrical Characteristics (T A=25C unless noted otherwise)
Symbol Description Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current THV308 8000 5600 8000 THV310 10000 7000 10000 THV312 12000 8400 12000 350 THV314 14000 9800 14000 THV315 15000 10500 15000 THV316 16000 11200 16000 Unit V V V mA TA=55 C 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Conditions
VRRM VRMS VDC IF(AV)
IFSM
30
A
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060 Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415
Rev. A/AH 2008-02-21 Page 1 of 4
0.35A High Voltage Rectifier Assembly THV308 - THV316
Symbol Description Maximum Instantaneous Forward Voltage Maximum DC Reverse Current at Rated DC Blocking Voltage Operating Temperature Range Storage Temperature Range THV308 THV310 THV312 12.0 THV314 THV315 15.0 THV316 Unit V Conditions
VF IR TJ TSTG
10.0
IF=350mA
5.0 -40 to +130 -40 to +130
A C C
Note: Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Typical Characteristics Curves
Fig.2-Max. Non-Repetitive Peak Forward Surge Rating Fig.1- Forward Current Derating Curve Average Forward Rectified Current (mA) Peak Forward Surge Current (A)
Ambient Temperature (C)
Number of Cycles at 60Hz
Rev. A/AH 2008-02-21 www.taitroncomponents.com Page 2 of 4
0.35A High Voltage Rectifier Assembly THV308 - THV316
Fig.3- Typical Instantaneous Forward Characteristics Instantaneous Forward Current (mA) Fig.4-Typical Reverse Characteristics
Instantaneous Reverse Current (A)
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Dimensions in inches
THV3
Rev. A/AH 2008-02-21 www.taitroncomponents.com Page 3 of 4
0.35A High Voltage Rectifier Assembly THV308 - THV316
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKAWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONETS INCORPORATED E REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONETS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN' AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931
Rev. A/AH 2008-02-21 www.taitroncomponents.com Page 4 of 4


▲Up To Search▲   

 
Price & Availability of THV308

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X